Part Number Hot Search : 
0150CT 0NE03 S08RP SSAC90 TD141TG 2725T 1N935B 68300
Product Description
Full Text Search
 

To Download 0039301020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039301020 Active
minifit_jr 4.20mm (.165") Pitch Mini-Fit Jr.TM Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating
Documents: 3D Model Drawing (PDF)
Product Specification PS-5556-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Application Comments PCB Headers 5569 Wire-to-Board Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 Mini-Fit Plus HCSTM Crimp Terminal Crimpted to to 16 AWG wire. . See Molex Product specification PS-5556-001 for additional current de-rating information. minifit_jr Mini-Fit Jr.TM
Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) No 2 2 2 Natural 30 No 94V-2 No No None Yes Brass Tin Tin Nylon 2 Right Angle Yes Yes 0.070 In 1.78 mm Bag 0.165 In 4.20 mm 0.165 In 4.20 mm 200
Search Parts in this Series 5569Series Mates With 5557 Mini-Fit Jr.TM Receptacle Housing
Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
5.08 200 5.08 Yes Yes Fully No No -40C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 13A 600V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 240
Material Info
Old Part Number 5569-02A2
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-5569-002, SPK-5569-NA2 PS-5556-001, RPS-5557-046 SDA-5569-NA2*-* TS-5556-002
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
PART NUMBER 39-30-1020 39-30-1040 39-30-1060 39-30-1080 39-30-1100 39-30-1120 39-30-1140 39-30-1160 39-30-1180 39-30-1200 39-30-1220 39-30-1240 39-30-1021 39-30-1041 39-30-1061 39-30-1081 39-30-1101 39-30-1121 39-30-1141 39-30-1161 39-30-1181 39-30-1201 39-30-1221 39-30-1241 39-30-0021 39-30-0041 39-30-0061 39-30-0081 39-30-0101 39-30-0121 39-30-0141 39-30-0161 39-30-0181 39-30-0201 39-30-0221 39-30-0241
NOT TOOLED
ENG. NUMBER 5569-02A2 5569-04A2 5569-06A2 5569-08A2 5569-10A2 5569-12A2 5569-14A2 5569-16A2 5569-18A2 5569-20A2 5569-22A2 5569-24A2 5569-02A2G 5569-04A2G 5569-06A2G 5569-08A2G 5569-10A2G 5569-12A2G 5569-14A2G 5569-16A2G 5569-18A2G 5569-20A2G 5569-22A2G 5569-24A2G 5569-02A2G2 5569-04A2G2 5569-06A2G2 5569-08A2G2 5569-10A2G2 5569-12A2G2 5569-14A2G2 5569-16A2G2 5569-18A2G2 5569-20A2G2 5569-22A2G2 5569-24A2G2 5569-02A2G3 5569-04A2G3 5569-06A2G3 5569-08A2G3 5569-10A2G3 5569-12A2G3 5569-14A2G3 5569-16A2G3 5569-18A2G3 5569-20A2G3 5569-22A2G3 5569-24A2G3
CKT. SIZE 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24
BULK PACKAGED PER PK-5569-002 PLATING HSG PART ENG. (NOTE 2) MAT'L NUMBER NUMBER 39-30-0020 5569-02A2-210 39-30-0040 5569-04A2-210 39-30-0060 5569-06A2-210 TIN OVER 39-30-0080 5569-08A2-210 COPPER 39-30-0100 5569-10A2-210 SEE 39-30-0120 5569-12A2-210 94V-2 NOTE 2 39-30-0140 5569-14A2-210 OPTION 39-30-0160 5569-16A2-210 "BLANK" 39-30-0180 5569-18A2-210 39-30-0200 5569-20A2-210 39-30-0220 5569-22A2-210 39-30-0240 5569-24A2-210 39-30-1022 39-30-1042 39-30-1062 39-30-1082 39-30-1102 39-30-1122 39-30-1142 39-30-1162 39-30-1182 39-30-1202 39-30-1222 39-30-1242 39-30-0022 39-30-0042 39-30-0062 39-30-0082 39-30-0102 39-30-0122 39-30-0142 39-30-0162 39-30-0182 39-30-0202 39-30-0222 39-30-0242
NOT TOOLED NOT TOOLED NOT TOOLED
CKT. SIZE 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24
PLATING (NOTE 2)
HSG MAT'L
TIN OVER COPPER SEE NOTE 2 OPTION "BLANK"
94V-0
30 " GOLD SEE NOTE 2 OPTION "G"
94V-2
5569-02A2G-210 5569-04A2G-210 5569-06A2G-210 5569-08A2G-210 5569-10A2G-210 5569-12A2G-210 5569-14A2G-210 5569-16A2G-210 5569-18A2G-210 5569-20A2G-210 5569-22A2G-210 5569-24A2G-210 5569-02A2G2-210 5569-04A2G2-210 5569-06A2G2-210 5569-08A2G2-210 5569-10A2G2-210 5569-12A2G2-210 5569-14A2G2-210 5569-16A2G2-210 5569-18A2G2-210 5569-20A2G2-210 5569-22A2G2-210 5569-24A2G2-210 5569-02A2G3-210 5569-04A2G3-210 5569-06A2G3-210 5569-08A2G3-210 5569-10A2G3-210 5569-12A2G3-210 5569-14A2G3-210 5569-16A2G3-210 5569-18A2G3-210 5569-20A2G3-210 5569-22A2G3-210 5569-24A2G3-210
30 " GOLD SEE NOTE 2 OPTION "G"
94V-0
15 " GOLD SEE NOTE 2 OPTION "G2"
94V-2
15 " GOLD SEE NOTE 2 OPTION "G2"
94V-0
15-27-1514 15-27-1511 15-27-1512 15-27-1503
NOT TOOLED NOT TOOLED
15-27-1513
NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED
50 " GOLD SEE NOTE 2 OPTION "G3"
NOT TOOLED
15-27-1504 94V-2
NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED
50 " GOLD SEE NOTE 2 OPTION "G3"
94V-0
REVISION:
ECR/ECN INFORMATION: TITLE:
L3
EC No: DATE:
UCP2010-0398 2009/09/02
MINI-FIT JR.(R) RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
Drawn By: Checked By:
SHEET No.
-2-
DOCUMENT NUMBER:
Approved By:
SDA-5569-NA2*-*
Filename: SPOMASTER.DOC Revision: 1
JJAGUILAR
JBELL
FSMITH
Date: 4-15-2002
Location: Workmanager General Docs Class.
PART NUMBER 39-30-0023 39-30-0043 39-30-0063 39-30-0083 39-30-0103 39-30-0123 39-30-0143 39-30-0163 39-30-0183 39-30-0203 39-30-0223 39-30-0243 39-30-1023 39-30-1043 39-30-1063 39-30-1083 39-30-1103 39-30-1123 39-30-1143 39-30-1163 39-30-1183 39-30-1203 39-30-1223 39-30-1243 39-34-4026 39-34-4046
NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED
ENG. NUMBER 5569-02A2GS 5569-04A2GS 5569-06A2GS 5569-08A2GS 5569-10A2GS 5569-12A2GS 5569-14A2GS 5569-16A2GS 5569-18A2GS 5569-20A2GS 5569-22A2GS 5569-24A2GS 5569-02A2GS2 5569-04A2GS2 5569-06A2GS2 5569-08A2GS2 5569-10A2GS2 5569-12A2GS2 5569-14A2GS2 5569-16A2GS2 5569-18A2GS2 5569-20A2GS2 5569-22A2GS2 5569-24A2GS2 5569-02A2GS3 5569-04A2GS3 5569-06A2GS3 5569-08A2GS3 5569-10A2GS3 5569-12A2GS3 5569-14A2GS3 5569-16A2GS3 5569-18A2GS3 5569-20A2GS3 5569-22A2GS3 5569-24A2GS3 5569-02A2S 5569-04A2S 5569-06A2S 5569-08A2S 5569-10A2S 5569-12A2S 5569-14A2S 5569-16A2S 5569-18A2S 5569-20A2S 5569-22A2S 5569-24A2S
CKT. SIZE 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24
BULK PACKAGED PK-5569-002 PLATING HSG PART ENG. (NOTE 2) MAT'L NUMBER NUMBER 39-30-0024 5569-02A2GS-210 39-30-0044 5569-04A2GS-210 39-30-0064 5569-06A2GS-210 30 " 39-30-0084 5569-08A2GS-210 SELECT 39-30-0104 5569-10A2GS-210 GOLD 39-30-0124 5569-12A2GS-210 SEE 94V-2 39-30-0144 5569-14A2GS-210 NOTE 2 39-30-0164 5569-16A2GS-210 OPTION 39-30-0184 5569-18A2GS-210 "GS" 39-30-0204 5569-20A2GS-210 39-30-0224 5569-22A2GS-210 39-30-0244 5569-24A2GS-210 39-30-1024 39-30-1044 39-30-1064 39-30-1084 39-30-1104 39-30-1124 39-30-1144 39-30-1164 39-30-1184 39-30-1204 39-30-1224 39-30-1244 5569-02A2GS2-210 5569-04A2GS2-210 5569-06A2GS2-210 5569-08A2GS2-210 5569-10A2GS2-210 5569-12A2GS2-210 5569-14A2GS2-210 5569-16A2GS2-210 5569-18A2GS2-210 5569-20A2GS2-210 5569-22A2GS2-210 5569-24A2GS2-210
CKT. SIZE 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24
PLATING (NOTE 2)
HSG MAT'L
30 " SELECT GOLD SEE NOTE 2 OPTION "GS"
94V-0
15 " SELECT GOLD SEE NOTE 2 OPTION "GS2"
94V-2
15 " SELECT GOLD SEE NOTE 2 OPTION "GS2"
94V-0
50 " SELECT GOLD SEE NOTE 2 OPTION "GS3"
94V-2
39-34-4027 5569-02A2GS3-210 39-34-4047 5569-04A2GS3-210 NOT TOOLED 5569-06A2GS3-210 NOT TOOLED 5569-08A2GS3-210 NOT TOOLED 5569-10A2GS3-210 NOT TOOLED 5569-12A2GS3-210 NOT TOOLED 5569-14A2GS3-210 NOT TOOLED 5569-16A2GS3-210 NOT TOOLED 5569-18A2GS3-210 NOT TOOLED 5569-20A2GS3-210 NOT TOOLED 5569-22A2GS3-210 NOT TOOLED 5569-24A2GS3-210 39-30-7026 39-30-7046 39-30-7066 39-30-7086 39-30-7106 39-30-7126 39-30-7146 39-30-7166 39-30-7186 39-30-7206 39-30-7226 39-30-7246 5569-02A2S-210 5569-04A2S-210 5569-06A2S-210 5569-08A2S-210 5569-10A2S-210 5569-12A2S-210 5569-14A2S-210 5569-16A2S-210 5569-18A2S-210 5569-20A2S-210 5569-22A2S-210 5569-24A2S-210
50 " SELECT GOLD SEE NOTE 2 OPTION "GS3"
94V-0
39-30-7025 39-30-7045 39-30-7065 39-30-7085 39-30-7105 39-30-7125 39-30-7145 39-30-7165 39-30-7185 39-30-7205 39-30-7225 39-30-7245
REVISION:
TIN OVER NICKEL SEE NOTE 2 OPTION "S"
94V-2
TIN OVER NICKEL SEE NOTE 2 OPTION "S"
94V-0
ECR/ECN INFORMATION: TITLE:
L3
EC No: DATE:
UCP2010-0398 2009/09/02
MINI-FIT JR.(R) RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
Drawn By: Checked By:
SHEET No.
-3-
DOCUMENT NUMBER:
Approved By:
SDA-5569-NA2*-*
Filename: SPOMASTER.DOC Revision: 1
JJAGUILAR
JBELL
FSMITH
Date: 4-15-2002
Location: Workmanager General Docs Class.
PART NUMBER
ENG. NUMBER
BULK PACKAGED PER PK-5569-002 CKT. PLATING HSG PART ENG. SIZE (NOTE 2) MAT'L NUMBER NUMBER 2 39-31-1021 5569-02A2-BL 4 39-31-1041 5569-04A2-BL 6 39-31-1061 5569-06A2-BL 8 39-31-1081 5569-08A2-BL 10 39-31-1101 5569-10A2-BL 12 39-31-1121 5569-12A2-BL 14 39-31-1141 5569-14A2-BL 16 39-31-1161 5569-16A2-BL 18 39-31-1181 5569-18A2-BL 20 39-31-1201 5569-20A2-BL 22 39-31-1221 5569-22A2-BL 24 39-31-1241 5569-24A2-BL 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 39-31-6029 39-31-6049 39-31-6069 39-31-6089 39-31-6109 39-31-6129 39-31-6149 39-31-6169 39-31-6189 39-31-6209 39-31-6229 39-31-6249 5569-02A2G-BL 5569-04A2G-BL 5569-06A2G-BL 5569-08A2G-BL 5569-10A2G-BL 5569-12A2G-BL 5569-14A2G-BL 5569-16A2G-BL 5569-18A2G-BL 5569-20A2G-BL 5569-22A2G-BL 5569-24A2G-BL
CKT. SIZE 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24
PLATING (NOTE 2)
HSG MAT'L
TIN OVER COPPER SEE BLACK NOTE 2 94V-2 OPTION "BLANK"
30 " GOLD SEE NOTE 2 OPTION "G"
BLACK 94V-2
39-34-9021 39-34-9041 39-34-9061 39-34-9081 39-34-9101 39-34-9121 39-34-9141 39-34-9161 39-34-9181 39-34-9201 39-34-9221 39-34-9241
REVISION:
5569-02A2S-400 5569-04A2S-400 5569-06A2S-400 5569-08A2S-400 5569-10A2S-400 5569-12A2S-400 5569-14A2S-400 5569-16A2S-400 5569-18A2S-400 5569-20A2S-400 5569-22A2S-400 5569-24A2S-400
2 4 6 8 10 12 14 16 18 20 22 24
TIN OVER NICKEL SEE BLACK NOTE 2 94V-0 OPTION "S"
ECR/ECN INFORMATION: TITLE:
L3
EC No: DATE:
UCP2010-0398 2009/09/02
MINI-FIT JR.(R) RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
Drawn By: Checked By:
SHEET No.
-4-
DOCUMENT NUMBER:
Approved By:
SDA-5569-NA2*-*
Filename: SPOMASTER.DOC Revision: 1
JJAGUILAR
JBELL
FSMITH
Date: 4-15-2002
Location: Workmanager General Docs Class.
PART NUMBER
ENG. NUMBER
BULK PACKAGED PER PK-5569-002 CKT. PLATING HSG PART ENG. SIZE (NOTE 2) MAT'L NUMBER NUMBER 39-31-9029 5569-02A2S-BL 39-31-9049 5569-04A2S-BL 39-31-9069 5569-06A2S-BL 39-31-9089 5569-08A2S-BL 39-31-9109 5569-10A2S-BL 39-31-9129 5569-12A2S-BL 39-31-9149 5569-14A2S-BL 39-31-9169 5569-16A2S-BL 39-31-9189 5569-18A2S-BL 39-31-9209 5569-20A2S-BL 39-31-9229 5569-22A2S-BL 39-31-9249 5569-24A2S-BL
CKT. SIZE 2 4 6 8 10 12 14 16 18 20 22 24
PLATING (NOTE 2)
HSG MAT'L
TIN OVER NICKEL SEE BLACK NOTE 2 94V-2 OPTION "S"
REVISION:
ECR/ECN INFORMATION: TITLE:
L3
EC No: DATE:
UCP2010-0398 2009/09/02
MINI-FIT JR.(R) RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
Drawn By: Checked By:
SHEET No.
-5-
DOCUMENT NUMBER:
Approved By:
SDA-5569-NA2*-*
Filename: SPOMASTER.DOC Revision: 1
JJAGUILAR
JBELL
FSMITH
Date: 4-15-2002
Location: Workmanager General Docs Class.
ENG. PART NUMBER NUMBER 26-01-3127 5569-02A2GS2-210-T 26-01-3128 5569-04A2GS2-210-T NOT TOOLED 5569-06A2GS2-210-T NOT TOOLED 5569-08A2GS2-210-T NOT TOOLED 5569-10A2GS2-210-T NOT TOOLED 5569-12A2GS2-210-T NOT TOOLED 5569-14A2GS2-210-T NOT TOOLED 5569-16A2GS2-210-T NOT TOOLED 5569-18A2GS2-210-T NOT TOOLED 5569-20A2GS2-210-T NOT TOOLED 5569-22A2GS2-210-T NOT TOOLED 5569-24A2GS2-210-T 26-01-3141 26-01-3142 26-01-3143 26-01-3144 NOT TOOLED NOT TOOLED NOT TOOLED 26-01-3148 NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED 5569-02A2GS3-T 5569-04A2GS3-T 5569-06A2GS3-T 5569-08A2GS3-T 5569-10A2GS3-T 5569-12A2GS3-T 5569-14A2GS3-T 5569-16A2GS3-T 5569-18A2GS3-T 5569-20A2GS3-T 5569-22A2GS3-T 5569-24A2GS3-T
CKT. SIZE 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24
TRAY PACKAGED PER PK-5569-003 PLATING HSG PART ENG. (NOTE 2) MAT'L NUMBER NUMBER
15 " SELECT GOLD SEE NOTE 2 OPTION "GS2"
94V-0
CKT. PLATING SIZE (NOTE 2) 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24
HSG MAT'L
50 " SELECT GOLD SEE NOTE 2 OPTION "GS3"
94V-2
REVISION:
ECR/ECN INFORMATION: TITLE:
L3
EC No: DATE:
UCP2010-0398 2009/09/02
MINI-FIT JR.(R) RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
Drawn By: Checked By:
SHEET No.
-6-
DOCUMENT NUMBER:
Approved By:
SDA-5569-NA2*-*
Filename: SPOMASTER.DOC Revision: 1
JJAGUILAR
JBELL
FSMITH
Date: 4-15-2002
Location: Workmanager General Docs Class.
PART NUMBER 50-36-1757 50-36-1767 50-36-1777 50-36-1787 50-36-1797 50-36-1807 50-36-1817 50-36-1827 50-36-1837 50-36-1847 50-36-1857 50-36-1867 50-36-1755 50-36-1765 50-36-1775 50-36-1785 50-36-1795 50-36-1805 50-36-1815 50-36-1825 50-36-1835 50-36-1845 50-36-1855 50-36-1865
ENG. NUMBER 5569-02A2S-T 5569-04A2S-T 5569-06A2S-T 5569-08A2S-T 5569-10A2S-T 5569-12A2S-T 5569-14A2S-T 5569-16A2S-T 5569-18A2S-T 5569-20A2S-T 5569-22A2S-T 5569-24A2S-T 5569-02A2GS-T 5569-04A2GS-T 5569-06A2GS-T 5569-08A2GS-T 5569-10A2GS-T 5569-12A2GS-T 5569-14A2GS-T 5569-16A2GS-T 5569-18A2GS-T 5569-20A2GS-T 5569-22A2GS-T 5569-24A2GS-T
TRAY PACKAGED PER PK-5569-003 CKT. PLATING HSG PART ENG. CKT. PLATING SIZE (NOTE 2) MAT'L NUMBER NUMBER SIZE (NOTE 2) 2 50-36-1758 5569-02A2S-210-T 2 4 50-36-1768 5569-04A2S-210-T 4 6 50-36-1778 5569-06A2S-210-T 6 TIN TIN 8 50-36-1788 5569-08A2S-210-T 8 OVER OVER 10 50-36-1798 5569-10A2S-210-T 10 NICKEL NICKEL 12 50-36-1808 5569-12A2S-210-T 12 94V-2 SEE SEE 14 50-36-1818 5569-14A2S-210-T 14 NOTE 2 NOTE 2 16 50-36-1828 5569-16A2S-210-T. 16 OPTION OPTION 18 50-36-1838 5569-18A2S-210-T 18 "S" "S" 20 50-36-1848 5569-20A2S-210-T 20 22 50-36-1858 5569-22A2S-210-T 22 24 50-36-1868 5569-24A2S-210-T 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 50-36-1756 50-36-1766 50-36-1776 50-36-1786 50-36-1796 50-36-1806 50-36-1816 50-36-1826 50-36-1836 50-36-1846 50-36-1856 50-36-1866 26-01-3101 NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED 26-01-3108 NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED 5569-02A2GS-210-T 5569-04A2GS-210-T 5569-06A2GS-210-T 5569-08A2GS-210-T 5569-10A2GS-210-T 5569-12A2GS-210-T 5569-14A2GS-210-T 5569-16A2GS-210-T 5569-18A2GS-210-T 5569-20A2GS-210-T 5569-22A2GS-210-T 5569-24A2GS-210-T 5569-02A2GS-BL-T 5569-04A2GS-BL-T 5569-06A2GS-BL-T 5569-08A2GS-BL-T 5569-10A2GS-BL-T 5569-12A2GS-BL-T 5569-14A2GS-BL-T 5569-16A2GS-BL-T 5569-18A2GS-BL-T 5569-20A2GS-BL-T 5569-22A2GS-BL-T 5569-24A2GS-BL-T 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24 2 4 6 8 10 12 14 16 18 20 22 24
HSG MAT'L
94V-0
30 " SELECT GOLD SEE NOTE 2 OPTION "GS"
94V-2
30 " SELECT GOLD SEE NOTE 2 OPTION "GS"
94V-0
26-01-3094 5569-10AGS3-210-T
50 " SELECT GOLD SEE NOTE 2 OPTION "GS3"
94V-0
30 " SELECT GOLD SEE NOTE 2 OPTION "GS"
BLACK 94V-2
26-01-3114 26-01-3115 26-01-3116 NOT TOOLED NOT TOOLED 26-01-3119 NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED NOT TOOLED 26-01-3126
REVISION:
5569-02A2GS2-T 5569-04A2GS2-T 5569-06A2GS2-T 5569-08A2GS2-T 5569-10A2GS2-T 5569-12A2GS2-T 5569-14A2GS2-T 5569-16A2GS2-T 5569-18A2GS2-T 5569-20A2GS2-T 5569-22A2GS2-T 5569-24A2GS2-T
15 " SELECT GOLD SEE NOTE 2 OPTION "GS2"
94V-2
ECR/ECN INFORMATION: TITLE:
L3
EC No: DATE:
UCP2010-0398 2009/09/02
MINI-FIT JR.(R) RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
Drawn By: Checked By:
SHEET No.
-7-
DOCUMENT NUMBER:
Approved By:
SDA-5569-NA2*-*
Filename: SPOMASTER.DOC Revision: 1
JJAGUILAR
JBELL
FSMITH
Date: 4-15-2002
Location: Workmanager General Docs Class.


▲Up To Search▲   

 
Price & Availability of 0039301020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X